Part Number Hot Search : 
SI4992EY 10302 KSH20010 25RIA120 LC4000B VVX332 W78E5 FTSO4126
Product Description
Full Text Search
 

To Download AK4104ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 [AK4104]
AK4104
192kHz 24-Bit 3.3V DIT
GENERAL DESCRIPTION The AK4104 is a digital audio interface transmitter (DIT) which supports data rate up to 192kHz sample rate operation. The AK4104 encodes and transmits audio data according to the AES3, IEC60958, S/PDIF & EIAJ CP1201 interface standards. The AK4104 accepts audio and digital data, which is then encoded. The audio serial port supports four formats. FEATURES Sampling Rate up to 192kHz Support AES3, IEC60958, S/PDIF & EIAJ CP1201 Consumer Formats Generates Parity Bits 1-channel Transmission Output 42-bit Channel Status Buffer Supports Multiple Clock Frequencies: 128/192/256/384/512/768/1024/1536fs Supports Left/Right justified and I2S Audio Formats Easy to use 4 wire/3 wire Serial Host Interface CMOS Input Level Power Supply: 2.7 to 3.6V Small Package: 16pin TSSOP Temperature Range of -20 to 85 C
MS0642-E-00 -1-
2007/07
[AK4104]
MCLK CSN CCLK CDTI CDTO
P Interface
VDD
Prescaler
VSS
SDTI1 LRCK BICK
Audio Data Interface
Biphase Encoder
TX
PDN
Figure 1. AK4104 Block Diagram (Mode= "0")
MCLK CSN CCLK CDTI
P Interface
VDD
Prescaler
VSS
SDTI2 SDTI1 LRCK BICK
Audio Data Interface
Biphase Encoder
TX
PDN
Figure 2. AK4104 Block Diagram (Mode= "1")
MS0642-E-00 -2-
2007/07
[AK4104]
Ordering Guide
AK4104ET AKD4104 -20 +85C 16pin TSSOP (0.65mm pitch) Evaluation Board for AK4104
Pin Layout
MCLK BICK SDTI1 LRCK PDN CSN CCLK CDTI 1 2 3 4 5 6 7 8 16 15 14 TX CDTO/ SDTI2 VDD VSS TEST4 TEST3 TEST2 TEST1
AK4104 Top View
13 12 11 10 9
MS0642-E-00 -3-
2007/07
[AK4104]
PIN/FUNCTION
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin Name MCLK BICK SDTI1 LRCK PDN CSN CCLK CDTI TEST1 TEST2 TEST3 TEST4 VSS VDD CDTO SDTI2 TX I/O I I I I I I I I I O O O O I O Function Master Clock Input Pin Audio Serial Data Clock Pin Audio Serial Data Input 1 Pin Input Channel Clock Pin Power Down and Reset Pin "L": Power down and Reset, "H": Power up Chip Select Pin Control Data Clock Pin Control Data Input Pin TEST Pin This pin should be connected to VDD. TEST Pin This pin should be OPEN. TEST Pin This pin should be OPEN. TEST Pin This pin should be OPEN. Ground Pin Power Supply Pin, 2.7 3.6V Control Data Output Pin, The output is "Hi-Z" when PDN pin = "L". Audio Serial Data Input 2 Pin Transmit Channel Output Pin, The output is "L" when PDN pin = "L" or RSTN bit ="0" or PW bit = "0" or MCLK stops.
Note: All digital input pins should not be left floating.
MS0642-E-00 -4-
2007/07
[AK4104]
ABSOLUTE MAXIMUM RATINGS
(VSS=0V; Note 1) Parameter Power Supply Input Current, Any Pin Except Supplies Digital Input Voltage Ambient Temperature (Powered applied) Storage Temperature Symbol VDD IIN VIND Ta Tstg min -0.3 -0.3 -20 -65 max 4.6 10 VDD+0.3 85 150 Units V mA V C C
(Note 2)
Note 1. All voltages with respect to ground. Note 2. MCLK, BICK, SDTI1, LRCK, PDN, CSN, CCLK, CDTI, SDTI2 WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V; Note 1) Parameter Power Supply Note 1. All voltages with respect to ground. WARNING: AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet. Symbol VDD min 2.7 typ 3.3 max 3.6 Units V
DC CHARACTERISTICS (Ta=25C; VDD=2.7 3.6V) Parameter Symbol min Power Supply Current (Note 3) Normal Operation (PDN pin = "H", fs=44.1kHz) (Note 3) Full power-down mode (PDN pin = "L") (Note 4) High-Level Input Voltage VIH 70%VDD Low-Level Input Voltage VIL VOH1 VDD-0.4 High-Level Output Voltage (Iout=-80A) VOL1 Low-Level Output Voltage (Iout=80A) Input Leakage Current Iin -
typ 0.9 10 -
max 1.8 50 30%VDD 0.4 10
Units mA A V V V V A
Note 3. TX pin: open . Power supply current (IDD@3.3V) is 1.0mA(typ)@fs=48kHz, 1.4mA(typ)@fs=96kHz and 2.6mA(typ)@fs=192kHz. IDD is 10A(typ) if PDN= "L" and all other input pins are held to VSS(@3.3V). (TX pin: 20pF, Power supply current (IDD@3.3V) is 3.3mA(typ)@fs=192kHz.) Note 4. All digital input pins are fixed to VDD or VSS.
TX CHARACTERISTICS
(Ta=25C; VDD=2.7 3.6V) Parameter High-Level Output Voltage ( Iout=-400A) Low-Level Output Voltage ( Iout=400A) Load Capacitance Symbol VOH2 VOL2 CL min VDD-0.4 typ max 0.4 50 Units V V pF
MS0642-E-00 -5-
2007/07
[AK4104]
SWITCHING CHARACTERISTICS (Ta=25C; VDD=2.7 3.6V, CL=20pF) Parameter Symbol min Master Clock Frequency Frequency fCLK 2.048 Duty Cycle dCLK 40 LRCK Frequency Frequency fs 8 Duty Cycle dCLK 45 Audio Interface Timing BICK Period tBCK 81 BICK Pulse Width Low tBCKL 30 Pulse Width High tBCKH 30 BICK "" to LRCK Edge (Note 5) tBLR 20 LRCK Edge to BICK "" (Note 5) tLRB 20 SDTI Hold Time tSDH 20 SDTI Setup Time tSDS 20 Control Interface Timing CCLK Period 200 tCCK CCLK Pulse Width Low 80 tCCKL Pulse Width High 80 tCCKH CDTI Setup Time 40 tCDS CDTI Hold Time 40 tCDH CSN "H" Time 150 tCSW 150 CSN "" to CCLK "" tCSS 50 tCSH CCLK "" to CSN "" tDCD CDTO Delay tCCZ CSN "" to CDTO Hi-Z Power-Down & Reset Timing PDN Pulse Width (Note 6) tPD 150
Note 5. BICK rising edge must not occur at the same time as LRCK edge. Note 6. The AK4104 can be reset by bringing PDN pin = "L".
typ
max 36.864 60 192 55
Units MHz % kHz % ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
45 70
MS0642-E-00 -6-
2007/07
[AK4104]
Timing Diagram
1/fCLK VIH VIL tCLKH tCLKL
dCLK=tCLKH x fCLK, tCLKL x fCLK
MCLK
1/fs VIH VIL
LRCK
tBCK VIH VIL tBCKH tBCKL
BICK
Figure 3. Clock Timing
LRCK tBLR tLRB
VIH VIL
BICK tSDS tSDH
VIH VIL
SDTI
VIH VIL
Figure 4. Serial Interface Timing
MS0642-E-00 -7-
2007/07
[AK4104]
VIH CSN tCSS tCCK tCCKL tCCKH CCLK tCDH VIH VIL tCDS VIL
CDTI
C1
C0
R/W
A4
VIH VIL
CDTO
Hi-Z
Figure 5. WRITE/READ Command Input Timing in 3-wire/4-wire serial mode
tCSW VIH CSN tCSH VIH VIL VIL
CCLK
CDTI
D3
D2
D1
D0
VIH VIL
CDTO
Hi-Z
Figure 6. WRITE Data Input Timing in 3-wire/4-wire serial mode
VIH CSN VIL
CCLK
VIH VIL
CDTI
A1
A0
VIH VIL tDCD
CDTO
Hi-Z
D7
D6
D5
50%VDD
Figure 7. READ Data Output Timing 1 in 4-wire serial mode
MS0642-E-00 -8-
2007/07
[AK4104]
tCSW CSN VIH VIL tCSH CCLK VIH VIL
CDTI
VIH VIL tCCZ
CDTO
D3
D2
D1
D0
Hi-Z
50%VDD
Figure 8. READ Data Output Timing 2 in 4-wire serial mode
tPD
PDN
VIL
Figure 9. Power-Down & Reset Timing
MS0642-E-00 -9-
2007/07
[AK4104]
OPERATION OVERVIEW
Reset and Initialization
The AK4104 should be reset once by bringing PDN = "L" upon power-up. It takes 8 bit clock cycles for the AK4104 to initialize after PDN pin goes "H".
MCLK and LRCK Relationship
For correct synchronization, MCLK and LRCK should be derived from the same clock signal either directly (as through a frequency divider) or indirectly (for example, as through a DSP). The phase relationship between MCLK and LRCK should be kept after power-up. The MCLK frequencies shown in Table 1 are supported. The internal clock frequency is set depending on the external MCLK frequency automatically. MCLK 128fs 192fs 256fs 384fs 512fs 768fs 1024fs 1536fs Fs 16k-192kHz 16k-192kHz 8k-128kHz 8k-96kHz 8k-48kHz 8k-48kHz 8k-32kHz 8k-24kHz
Table 1. MCLK Frequency
MS0642-E-00 - 10 -
2007/07
[AK4104]
Audio Interface Format
Data is shifted in via the SDTI pin using BICK and LRCK inputs. The DIF1-0 bits as shown in Table 2 can select four serial data modes. In all modes the serial data is MSB-first, 2's compliment format and is latched on the rising edge of BICK. Mode 3 can be used for 16bit I2S Compatible format by zeroing the unused LSBs at BICK 48fs or BICK = 32fs. Mode 0 1 2 3 DIF1 0 0 1 1 DIF0 SDTI Format 0 16bit, LSB justified 1 24bit, LSB justified 0 24bit, MSB justified 1 16/24bit, I2S Compatible Table 2. Audio Interface Format BICK 32fs 48fs 48fs 48fs or 32fs Figure Figure 10 Figure 11 Figure 12 Figure 13
LRCK
0123 9 10 11 12 13 14 15 0 1 2 3 9 10 11 12 13 14 15 0 1
BICK(32fs) SDTI(i) BICK(64fs) SDTI(i)
Don't Care 15 14 13 12 10 Don't Care 15 14 13 12 210 15 14 13 0123 7 6 5 4 3 2 1 0 15 14 13 17 18 19 20 31 0 1 2 3 7 6 5 4 3 2 1 0 15 17 18 19 20 31 0 1
SDTI-15:MSB, 0:LSB Lch Data Rch Data
Figure 10. Mode 0 Timing
LRCK
012 89 24 31 0 1 2 89 24 31 0 1
BICK(64fs) SDTI(i)
Don't Care 23:MSB, 0:LSB Lch Data Rch Data 23 8 10 Don't Care 23 8 10
Figure 11. Mode 1 Timing
LRCK
012 20 21 22 23 24 31 0 1 2 20 21 22 23 24 31 0 1
BICK(64fs) SDTI(i)
23 22 4 3 2 1 0 Don't Care 23 22 43210 Don't Care 23
23:MSB, 0:LSB Lch Data Rch Data
Figure 12. Mode 2 Timing
MS0642-E-00 - 11 -
2007/07
[AK4104]
LRCK
0123 21 22 23 24 25 012 21 22 23 24 25 01
BICK(64fs) SDTI(i)
23 22 4 3 2 1 0 Don't Care 23 22 43210 Don't Care
23:MSB, 0:LSB Lch Data Rch Data
Figure 13. Mode 3 Timing
DIT input select
The AK4104 can select 4-wire P I/F mode (MODE bit = "0") or 3-wire P I/F mode (MODE bit = "1"). In 3-wire P I/F mode, the AK4104 can select the input data of DIT from SDTI1 or SDTI2 data. MODE 0 1 1 1 1 SEL1 x 0 0 1 1 SEL0 x 0 1 0 1 P I/F 4-wire 3-wire 3-wire 3-wire Reserved DIT input SDTI1 SDTI1 SDTI2 SDTI2:DIT Bypass (x: Don't care) Table 3. DIT Input
MS0642-E-00 - 12 -
2007/07
[AK4104]
Data Transmission Format
The Data transmitted on the TX outputs is formatted in blocks as shown in Figure 14. Each block consists of 192 frames. A frame of data contains two sub-frames. A sub-frame consists of 32 bits of information. Each received data bit is coded using a bi-phase mark encoding as a two binary state symbol. The preambles violate bi-phase encoding so they may be differentiated from data. In bi-phase encoding, the first state of input symbol is always the inverse of the last state of the previous data symbol. For a logic 0, the second state of the symbol is the same as the first state. For a logic 1, the second state is opposite of the first. Figure 15 illustrates a sample stream of 8 data bits encoded in 16 symbol states.
M Channel 1 W Channel 2 B Channel 1 W Channel 2 M Channel 1 W Channel 2 Sub-frame Frame 191 Sub-frame Frame 1
Frame 0
Figure 14. Block format
0 1 1 0 0 0 1 0
Figure 15. A biphase-encoded bit stream The sub-frame is defined in Figure 16 below. Bits 0-3 of the sub-frame represent a preamble for synchronization. There are three preambles. The block preamble, B, is contained in the first sub-frame of Frame 0. The channel 1 preamble, M, is contained in the first sub-frame of all other frames. The channel 2 preamble, W, is contained in all of the second sub-frames. Table 4 below defines the symbol encoding for each of the preambles. Bits 4-27 of the sub-frame contain the 24 bit audio sample in 2's complement format with bit 27 as the most significant bit. For 16 bit mode, Bits 4-11 are all 0. Bit 28 is the validity flag. It is "H" if the audio sample is unreliable. Bit 29 is a user data bit. Frame 0 contains the first bit of a 192 bit user data word. Frame 191 contains the last bit of the user data word. Bit 30 is a channel status bit. Again frame 0 contains the first bit of the 192 bit word with the last bit in frame 191. Bit 31 is an even parity bit for bits 4-31 of the sub-frame.
0
34 L Sync S B
Audio sam ple
Figure 16. Sub-frame format
27 28 29 30 31 M SVUCP B
The block of data contains consecutive frames transmitted at a state-bit rate of 64 times the sample frequency, fs. For stereophonic audio, the left or A channel data is in channel 1 while the right or B data is in channel 2. For monophonic audio, channel 1 contains the audio data. Preamble B M W Preceding state = 0 11101000 11100010 11100100 Preceding state = 1 00010111 00011101 00011011
Table 4. Sub-frame preamble encoding Channel Status bit In the consumer mode (bit0 = "0"), bits20-23(audio channel) must be controlled by the CT20 bit. When the CT20 bit is "1", the AK4104 corresponds to "stereo mode", bits20-23 are set to "1000"(left channel) in sub-frame 1, and is set to "0100"(right channel) in sub-frame 2. When the CT20 bit is "0", bits20-23 is set to "0000" in both sub-frame 1 and sub-frame 2.
MS0642-E-00 - 13 -
2007/07
[AK4104]
P Control Interface
The AK4104 can select 4-wire P I/F mode (MODE bit = "0") or 3-wire P I/F mode (MODE bit = "1").
1.4-wire Serial mode (MODE bit = "0", default) The internal registers may be either written or read by the 4-wire P interface pins: CSN, CCLK, CDTI and CDTO. The data on this interface consists of Chip address (2bits, C1/0; fixed to "11"), Read/Write (1bit), Register address (MSB first, 5bits) and Control data (MSB first, 8bits). Address and data are clocked in on the rising edge of CCLK and data is clocked out on the falling edge. For write operations, data is latched after the 16th rising edge of CCLK, after a high-to-low transition of CSN. CSN should be set to "H" once after the 16th CCLK. For read operations, the CDTO output goes high impedance after a low-to-high transition of CSN. The maximum speed of CCLK is 5MHz. PDN pin = "L" resets the registers to their default values.
CSN
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CCLK
CDTI WRITE CDTO CDTI READ CDTO
C1 C0 R/W A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
Hi-Z
C1 C0 R/W A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
Hi-Z
D7 D6 D5 D4 D3 D2 D1 D0
Hi-Z
C1-C0: R/W: A4-A0: D7-D0:
Chip Address: (Fixed to "11") READ/WRITE (0:READ, 1:WRITE) Register Address Control Data Figure 17. 4-wire P I/F Timing
*When the AK4104 is in the power down mode (PDN pin = "L") or the MCLK is not provided, writing into the control register is inhibited.
MS0642-E-00 - 14 -
2007/07
[AK4104]
2.3-wire P I/F mode (MODE bit = "1") Internal registers may be written by 3-wire P interface pins, CSN, CCLK and CDTI. The data on this interface consists of Chip Address (2bits, C1/0; fixed to "11"), Read/Write (1bit; fixed to "1", Write only), Register Address (MSB first, 5bits) and Control Data (MSB first, 8bits). The AK4104 latches the data on the rising edge of CCLK, so data should clocked in on the falling edge. The writing of data becomes valid by 16th CCLK after a high to low transition of CSN. CSN should be set to "H" once after the 16th CCLK. The clock speed of CCLK is 5MHz (max).
PDN pin = "L" resets the registers to their default values. The internal timing circuit is reset by RSTN bit, but the registers are not initialized.
CSN
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CCLK
CDTI
C1 C0 R/W A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
C1-C0: R/W: A4-A0: D7-D0:
Chip Address (Fixed to "11") READ/WRITE (Fixed to "1", Write only) Register Address Control Data
Figure 18. 3-wire P I/F Timing *The AK4104 does not support the read command and chip address. C1/0 and R/W are fixed to "011" *When the AK4104 is in the power down mode (PDN pin = "L") or the MCLK is not provided, writing into the control register is inhibited.
MS0642-E-00 - 15 -
2007/07
[AK4104]
Register Map
Addr 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H Notes: For addresses from 0AH to 1FH, data must not be written. When PDN pin goes "L", the registers are initialized to their default values. When RSTN bit goes "0", the only internal timing is reset and the registers are not initialized to their default values. All data can be written to the register even if PW or RSTN bit is "0". The "0" register should be written "0", the "1" register should be written "1" data. Register Name Control 1 Reserved Control 2 TX Channel Status Byte0 Channel Status Byte1 Channel Status Byte2 Channel Status Byte3 Channel Status Byte4 Channel Status Byte5 D7 1 0 0 1 CS7 CS15 CS23 CS31 CS39 0 D6 0 1 0 0 CS6 CS14 CS22 CS30 CS38 0 D5 0 0 0 0 CS5 CS13 CS21 CS29 CS37 0 D4 0 1 0 0 CS4 CS12 CS20 CS28 CS36 0 D3 DIF1 1 0 0 CS3 CS11 CS19 CS27 CS35 0 D2 DIF0 0 MODE 0 CS2 CS10 CS18 CS26 CS34 0 D1 PW 1 SEL1 V CS1 CS9 CS17 CS25 CS33 CS41 D0 RSTN 1 SEL0 TXE CS0 CS8 CS16 CS24 CS32 CS40
Register Definitions
Addr 00H Register Name Control 1 R/W Default 1 0 0 0 D7 1 D6 0 D5 0 D4 0 R/W 1 1 1 1 D3 DIF1 D2 DIF0 D1 PW D0 RSTN
RSTN: Internal timing reset control 0: Reset. All registers are not initialized. 1: Normal Operation PW: Power down control 0: Power down. All registers are not initialized. 1: Normal Operation DIF1-0: Audio data interface formats (Table 2) Initial: "11", Mode 3
MS0642-E-00 - 16 -
2007/07
[AK4104]
Register Name 02H Control 3 R/W Default
D7 0 0
D6 0 0
D5 0 0
D4 0 R/W 0
D3 0 0
D2 MODE 0
D1 SEL1 0
D0 SEL0 0
MODE: Mode Control 0: 4 wire mode 1: 3 wire mode SEL1-0: DIT input 00: SDTI1 input 01: SDTI2 input 10: SDTI2 input (DIT Bypass) 11: Reserved (NOTE) SEL1-0 bits can not use in 4 wire mode (MODE="0"). Register Name 03H TX R/W Default V: Validity Flag 0: Valid 1: Invalid TXE: TX output 0: "L" 1: normal operation Register Name 04H 05H 06H 07H 08H 09H Channel Status Byte0 Default Channel Status Byte1 Default Channel Status Byte2 Default Channel Status Byte3 Default Channel Status Byte4 Default Channel Status Byte5 Default D7 CS7 0 CS15 0 CS23 0 CS31 0 CS39 0 0 0 D6 CS6 0 CS14 0 CS22 0 CS30 0 CS38 0 0 0 D5 CS5 0 CS13 0 CS21 0 CS29 0 CS37 0 0 0 D4 CS4 0 CS12 0 CS20 0 CS28 0 CS36 0 0 0 D3 CS3 0 CS11 0 CS19 0 CS27 0 CS35 0 0 0 D2 CS2 1 CS10 0 CS18 0 CS26 0 CS34 0 0 0 D1 CS1 0 CS9 0 CS17 0 CS25 0 CS33 0 CS41 0 D0 CS0 0 CS8 0 CS16 0 CS24 0 CS32 0 CS40 0 1 0 0 0 D7 1 D6 0 D5 0 D4 0 R/W 0 0 0 1 D3 0 D2 0 D1 V D0 TXE
CS7-0: Transmitter Channel Status Byte 0 Default: "00000100" CS39-8: Transmitter Channel Status Byte 4-1 Default: "00000000" CS41-CS40: Transmitter Channel Status Byte 5 Default: "00000000", D7-D2 bits should be written "1".
MS0642-E-00 - 17 -
2007/07
[AK4104]
SYSTEM DESIGN
Figure 19 and Figure 20 shows the system connection diagram. The evaluation board AKD4104 demonstrates application circuits, the optimum layout, power supply arrangements and measurement results.
Master Clock 64fs 24bit Audio Data fs Reset & Power down Micro Controller
1 2 3 4 5 6 7 8
MCLK BICK SDTI LRCK PDN CSN CCLK CDTI
TX CDTO VDD
16 15 14 0.1u 13 12 11 10 9
Optic transmitting module
+
10u
Analog Supply 2.7 to 3.6V
AK4104
VSS TEST4 TEST3 TEST2 TEST1
Figure 19. Typical Connection Diagram (Mode= "0", 4 wire mode )
24bit Audio Data2 Master Clock 64fs 24bit Audio Data1 fs Reset & Power down Micro Controller
1 2 3 4 5 6 7 8 MCLK BICK SDTI LRCK PDN CSN CCLK CDTI TX SDTI2 VDD 16 15 14 0.1u 13 12 11 10 9 + 10u
Optic transmitting module
Analog Supply 2.7 to 3.6V
AK4104
VSS TEST4 TEST3 TEST2 TEST1
Figure 20. Typical Connection Diagram (Mode= "1", 3 wire mode )
MS0642-E-00 - 18 -
2007/07
[AK4104]
PACKAGE
16pin TSSOP (Unit: mm)
*5.00.1 1.050.05
16
9 *4.40.1 A 6.40.2 0.170.05 Detail A 0.10.1 0-10 0.50.2 0.10
Epoxy Cu Solder (Pb free) plate 2007/07 - 19 -
1 0.220.1
8 0.65
0.13 M
Seating Plane
NOTE: Dimension "*" does not include mold flash.
Package & Lead frame material
Package molding compound: Lead frame material: Lead frame surface treatment:
MS0642-E-00
[AK4104]
MARKING
AKM 4104ET XXYYY
1) 2)
3) 4)
Pin #1 indication Date Code : XXYYY (5 digits) XX: Lot# YYY: Date Code Marketing Code : 4104ET Asahi Kasei Logo
REVISION HISTORY
Date (YY/MM/DD) 07/07/09 Revision 00 Reason First Edition Page Contents
MPORTANT NOTICE These products and their specifications are subject to change without notice. When you consider any use or application of these products, please make inquiries the sales office of Asahi Kasei EMD Corporation (AKEMD) or authorized distributors as to current status of the products. AKEMD assumes no liability for infringement of any patent, intellectual property, or other rights in the application or use of any information contained herein. Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. AKEMD products are neither intended nor authorized for use as critical componentsNote1) in any safety, life support, or other hazard related device or systemNote2), and AKEMD assumes no responsibility for such use, except for the use approved with the express written consent by Representative Director of AKEMD. As used here: Note1) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. Note2) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. It is the responsibility of the buyer or distributor of AKEMD products, who distributes, disposes of, or otherwise places the product with a third party, to notify such third party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKEMD harmless from any and all claims arising from the use of said product in the absence of such notification.
MS0642-E-00 - 20 -
2007/07


▲Up To Search▲   

 
Price & Availability of AK4104ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X